2sC6019 no.8342-1/4 applications ? relay drivers, lamp drivers, motor drivers, flash. features ? adoption of fbet and mbit processes. ? large current capacitance. ? low collector-to-emitter saturation voltage. ? high-speed switching. ? narrow h fe range. ? high allowable power dissipation. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 15 v collector-to-emitter voltage v ceo 15 v emitter-to-base voltage v ebo 6v collector current i c 7a collector current (pulse) i cp 10 a base current i b 600 ma collector dissipation p c 0.8 w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =12v, i e =0a 0.1 m a emitter cutoff current i ebo v eb =4v, i c =0a 0.1 m a dc current gain h fe v ce =2v, i c =500ma 250 400 gain-bandwidth product f t v ce =2v, i c =500ma 380 mhz continued on next page. ordering number : enn8342 61005ea ms im tb-00001434 2sC6019 npn epitaxial planar silicon transistor dc / dc converter applications sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. .com .com .com 4 .com u datasheet http://www..net/
2sC6019 no.8342-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit output capacitance cob v cb =10v, f=1mhz 23 pf collector-to-emitter saturation voltage v ce (sat) i c =1.5a, i b =30ma 85 125 mv i c =3a, i b =60ma 145 215 mv base-to-emitter saturation voltage v be (sat) i c =3a, i b =60ma 0.85 1.2 v collector-to-base breakdown voltage v (br)cbo i c =10 m a, i e =0a 15 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma, r be = 15 v emitter-to-base breakdown voltage v (br)ebo i e =10 m a, i c =0a 6 v turn-on time t on see specified test circuit. 30 ns storage time t stg see specified test circuit. 190 ns fall time t f see specified test circuit. 15 ns package dimensions package dimensions unit : mm unit : mm 7518-003 7003-003 switching time test circuit v r v cc =5v v be = --5v + + 50 w input output r b 100 m f 470 m f pw=20 m s i b1 i b2 d.c. 1% i c =20i b1 = --20i b2 =3a r l 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp-fa i c -- v ce i c -- v be collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a base-to-emitter voltage, v be -- v 7 6 5 4 3 2 1 0.2 0.1 0.4 0.6 0.8 0.3 0.5 0.7 0.9 1.0 0 0 i b =0ma 10ma 20ma 30ma 40ma 50ma 60ma 80ma 100ma it09436 8 7 6 5 4 3 2 1 0 0 0.1 0.3 0.5 0.7 0.2 0.4 0.6 0.8 0.9 1.0 1.1 1.2 v ce =2v ta=75 c 25 c --25 c it09437 5ma .com .com .com .com 4 .com u datasheet http://www..net/
2sC6019 no.8342-3/4 v ce (sat) -- i c cob -- v cb v ce (sat) -- i c v be (sat) -- i c h fe -- i c f t -- i c p c -- ta a s o collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a dc current gain, h fe gain-bandwidth product, f t -- mhz collector current, i c -- a ambient temperature, ta -- c collector dissipation, p c -- w collector current, i c -- a collector-to-emitter voltage, v ce -- v dc operation(ta=25 c) 1000 7 5 3 2 100 0.01 3 25 10 0.1 73 257 3 257 1.0 ta=75 c --25 c 25 c v ce =2v it09438 2 3 5 0.01 3 5 7 2 3 5 7 0.1 7 0.01 0.1 23 57 2 1.0 357 2357 10 ta=75 c --25 c it09441 i c / i b =20 0.01 0.1 23 57 23 57 1.0 23 57 10 7 5 3 2 7 5 3 2 0.1 0.01 it09442 ta=75 c 25 c --25 c i c / i b =50 1.0 0.01 0.1 10 ta= --25 c 25 c 75 c 3 2 7 5 3 23 57 2 1.0 357 2357 i c / i b =50 it09443 7 5 3 2 10 100 0.1 23 57 1.0 23 57 10 23 it09440 f=1mhz 7 3 100 2 5 1000 7 5 0.01 257 32 0.1 57 32 1.0 3 it09439 v ce =10v 25 c 0 1.0 0.8 0.6 0.4 0.2 20 060 40 80 100 140 120 160 it09445 0.01 2 2 1.0 7 0.1 0.01 3 2 25 37 1.0 2 5 37 it09444 1ms 500 m s no heat sink i cp =10a i c =7a 10 7 5 3 2 0.1 7 5 3 2 5 3 10 2 5 37 dc operation (tc=25 c) 10 m s 100ms 100 m s 10ms tc=25 c single pulse .com .com .com .com 4 .com u datasheet http://www..net/
2sC6019 no.8342-4/4 ps specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of june, 2005. specifications and information herein are subject to change without notice. p c -- tc case temperature, tc -- c collector dissipation, p c -- w 18 0 16 14 15 8 10 6 4 2 12 20 060 40 80 100 140 120 160 it09446 .com .com .com 4 .com u datasheet http://www..net/
|